PART |
Description |
Maker |
876-6 |
PLUG ANGLE ANA
|
Winchester Electronics ...
|
MM74HCT08 MM74HCT08M MM74HCT08MTC MM74HCT08N MM74H |
ANA 5V USR DFINED LIN REG; Package: SO-16 WB; No of Pins: 16; Container: Rail; Qty per Container: 47 HCT SERIES, QUAD 2-INPUT AND GATE, PDIP14
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
NCV4279B NCV4279BD1 NCV4279BD1R2 NCV4279BD2 NCV427 |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO14 ANA 5.0V MICROPOWER
|
ONSEMI[ON Semiconductor]
|
MC33761SNT1-030G MC33761SNT1-025 MC33761SNT1-028 M |
ANA 80MA 3V LDO VREG; Package: TSOP-5 / SOT23-5; No of Pins: 5; Container: Tape and Reel; Qty per Container: 3000 3 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 Ultra Low?Noise Low Dropout Voltage Regulator with 1.0 V ON/OFF Control
|
ON Semiconductor
|
CS412205 CS4122 CS4122XDWFR24G |
ANA TRIPLE AIR CORE DRVR; Package: SOIC 24 LEAD; No of Pins: 24; Container: Tape and Reel; Qty per Container: 1000 0.07 A BUF OR INV BASED PRPHL DRVR, PDSO24 Triple Air−Core Gauge Driver with Serial Input Bus
|
ONSEMI[ON Semiconductor]
|
S29AL016M90TFIR23 S29AL016M90FAI020 S29AL016M90FFI |
Hex Schmitt Trigger; Package: SOEIAJ-14; No of Pins: 14; Container: Rail; Qty per Container: 50 Quad Line EIA-232D Driver; Package: SOEIAJ-14; No of Pins: 14; Container: Rail; Qty per Container: 50 Quad 2-Channel Analog Multiplexer/Demultiplexer; Package: SOEIAJ-16; No of Pins: 16; Container: Rail; Qty per Container: 50 BCD-to-7 Segment Latch/Decoder/Driver for Liquid Crystals; Package: SOEIAJ-16; No of Pins: 16; Container: Rail; Qty per Container: 50 ANA INTRFCE QUAD DRVR; Package: SOEIAJ-14; No of Pins: 14; Container: Rail; Qty per Container: 50 Dual Binary to 1-of-4 Decoder/Demultiplexer; Package: SOIC 16 LEAD; No of Pins: 16; Container: Rail; Qty per Container: 48 1M X 16 FLASH 3V PROM, 100 ns, PBGA64 Dual Binary to 1-of-4 Decoder/Demultiplexer; Package: SOIC 16 LEAD; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2500 1M X 16 FLASH 3V PROM, 100 ns, PBGA64 Dual Binary to 1-of-4 Decoder/Demultiplexer; Package: PDIP-16; No of Pins: 16; Container: Rail; Qty per Container: 500 1M X 16 FLASH 3V PROM, 100 ns, PBGA48 16 MEGABIT (2M X 8 BIT / I M X 16 BIT) 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY 1M X 16 FLASH 3V PROM, 90 ns, PBGA48 Dual Binary to 1-of-4 Decoder/Demultiplexer ; Package: PDIP-16; No of Pins: 16; Container: Rail; Qty per Container: 500 1M X 16 FLASH 3V PROM, 100 ns, PBGA64 16 MEGABIT (2M X 8 BIT / I M X 16 BIT) 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY 1M X 16 FLASH 3V PROM, 90 ns, PDSO48
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|